Part Number Hot Search : 
STW8019A C103D VT6508 PR1505G OM7662 BLM11 VSC6511 4543B
Product Description
Full Text Search
 

To Download GSX-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM Crystal
Specifications
GSX-13
Parameters
Frequency range: 20.0 ~ 50.0MHz Calibration tolerance: 30ppm 50ppm Other values 3 5 specify 3 5 C specify 1 2 specify Product GSX-13 Option Codes
Temperature stability:
3.35 (max) 2.65 (max)
30ppm 50ppm 100ppm Other values (20ppm ~ 100ppm)
1.00 (max)
ACTUAL SIZE SOLDER PAD LAYOUT
0.80 0.40 4 1 1.30 3 2 1.30 1.30 1.30
Operating temperature range: -10 to +60C -20 to +70C Other values Storage temperature range: -30 to +85C Circuit condition: 16pF 18pF 20pF 30pF 7pF max
1 4 1.20
2 3
0.70
D E F J
TOP VIEW
Static capacitance (C0): Scale 3:1 Oscillation mode:
Fundamental
Features
Equivalent series resistance: 90 max Ageing: 5ppm max first year 100W

Ceramic SM package Fundamental mode up to 50.0MHz Low cost for volume applications Suitable for hand held applications
Test drive level:
Soldering condition: 260C, 10 sec x2 max Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + option codes + frequency eg: GSX-13/551D 30.0MHz 50/50/10/16-F (standard) GSX-13/5C2J 40.0MHz 50/100/20/30-F (standard) Option code X (eg GSX-13/X) denotes a custom specification.
Standard Frequencies
Fundamental in MHz 20.000000 24.000000 25.000000 30.000000 32.000000 40.000000 50.000000
Available on T&R - 3k pcs per reel. Refer to our website for T&R and soldering details.
Tel: +44 1460 256 100
05 Feb 2002
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GSX-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X